Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-04B-53-C2-R0

  • AI
    The **ATS-04B-53-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of electronic components like CPUs, GPUs, and power modules. --- ### 1. Technical Specifications Below are the key physical and thermal properties of this specific model: | Property | Description | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded bolts) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 30.00mm | | **Thermal Resistance (Flow)** | 8.57 °C/W (at 100 LFM) | | **Thermal Resistance (Static)** | 2.02 °C/W (at 700 LFM) | | **Fin Pattern** | Straight Fin | --- ### 2. Design Characteristics The part is engineered for versatility and ease of assembly in PCB (Printed Circuit Board) environments: * **Push-Pin Attachment:** This model uses a spring-loaded push-pin mechanism. This provides a consistent, high-pressure contact between the heat sink and the electronic component, ensuring optimal heat transfer. * **Thermal Interface Material (TIM):** This specific part number typically comes with **T766** pre-applied. This is a high-performance thermal grease that fills microscopic air gaps between the heat sink and the chip. * **Fin Pitch:** It features a "Super Fine" fin pitch, designed to maximize surface area for heat dissipation in high-airflow environments. --- ### 3. Application Use Cases This heat sink is commonly found in the following electronic sectors: 1. **Telecommunications:** Cooling of networking processors and ASICs. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high. 3. **Power Electronics:** Managing heat for voltage regulators and power converters. --- ### 4. Part Number Breakdown (Example) The suffix codes provide specific information about the variant: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **04:** Product Series. * **B:** Attachment style (Push-Pin). * **53:** Fin design/size identifier. * **C2:** Material/Thermal performance grade. * **R0:** RoHS compliance and revision status.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to pushPIN attachment for this size heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance?
    • ⤷ Can this heat sink be used in a passive cooling environment without fans?