ATS-04B-54-C2-R0
AI

The **ATS-04B-54-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits (ICs).
---
### 1. Technical Specifications
The part number provides specific information about its dimensions, thermal properties, and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Dimensions (L x W x H)** | 35mm x 35mm x 35mm |
| **Fin Style** | Straight (Extrusion) |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance** | 6.70°C/W (at 200 LFM) |
| **Color/Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Components & Design Features
#### A. Material and Thermal Dissipation
* **Aluminum Construction:** Lightweight with high thermal conductivity.
* **Anodized Finish:** The blue anodization increases surface emissivity, slightly improving radiative cooling and providing corrosion resistance.
* **Tall Profile:** At 35mm height, it offers a large surface area for heat dissipation compared to low-profile alternatives, making it suitable for systems with vertical space.
#### B. Mounting Mechanism (Push Pins)
* **Brass Push Pins:** It uses a spring-loaded brass push pin mechanism. This ensures a specific, consistent pressure is applied to the chip, which is critical for maintaining thermal contact.
* **Spring-Load:** The springs compensate for thermal expansion and mechanical shock, preventing the heat sink from detaching or cracking the component.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied T766:** This part comes with a pre-applied layer of high-performance thermal grease. This simplifies the assembly process and ensures optimal heat transfer from the component to the aluminum base without air gaps.
---
### 3. Application Examples
This specific heat sink is typically used in industrial and telecommunications hardware:
* **Embedded Systems:** Cooling high-speed processors.
* **Networking Gear:** Used on ASICs in routers and switches.
* **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **04:** Series/Type.
* **B:** Material/Color variant.
* **54:** Specific footprint/size code.
* **C2:** Thermal Interface Material type (T766).
* **R0:** RoHS compliance and revision status.
- ⤷
How does the thermal resistance of the ATS-04B-54-C2-R0 change with different airflow speeds?
- ⤷ What are the PCB hole requirements for the push pin mounting system used in this model?
- ⤷ Can the T766 thermal interface material be replaced with a phase-change material?