ATS-04B-55-C2-R0
AI

The **ATS-04B-55-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink from the *maxiFLOW™* series designed for cooling electronic components like BGA (Ball Grid Array) packages.
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-04B-55-C2-R0 |
| **Heat Sink Type** | maxiFLOW™ (Cross-Cut) |
| **Attachment Method** | pushPIN™ |
| **Dimensions** | 36.83mm x 36.83mm x 10.00mm |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 23.98° C/W @ 100 LFM |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Design Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that maximizes surface area for radiant and convective cooling while minimizing pressure drop across the component.
* **pushPIN™ Attachment:** This model utilizes the ATS pushPIN™ system, which includes a flexible spring-loaded mechanism. This ensures:
* Consistent pressure for optimal thermal contact.
* Secure attachment to the PCB through pre-drilled holes.
* Easy installation and removal compared to adhesive tapes.
* **Cross-Cut Fins:** The fins are cut in both vertical and horizontal directions, allowing for airflow from multiple directions, which is ideal for systems with complex or shifting airflow patterns.
---
### 3. Material and Finish
* **Aluminum Construction:** Provides a balance between high thermal conductivity and low weight.
* **Blue Anodized Coating:** This is not just aesthetic; the anodization increases the emissivity of the surface, slightly improving heat dissipation through radiation, and provides corrosion resistance.
* **Thermal Interface Material (TIM):** The part comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills the microscopic air gaps between the heat source (chip) and the heat sink base.
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 23.98 |
| 200 | 1.0 | 12.89 |
| 300 | 1.5 | 9.02 |
| 400 | 2.0 | 7.08 |
| 500 | 2.5 | 5.88 |
---
- ⤷
How does the pushPIN™ mounting system compare to clip-on attachments?
- ⤷ What are the specific benefits of the T766 thermal interface material?
- ⤷ Can this heat sink be customized for different height constraints?