ATS-04B-70-C2-R0
AI

The **ATS-04B-70-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
Below is a breakdown of its technical specifications and features.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-04B-70-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.12°C/W (Natural Convection) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin (Extruded) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
The "C2" in the part number indicates a specific thermal interface material or performance category. This heat sink is designed for **High-Aspect-Ratio** cooling, meaning the fins are optimized to provide maximum surface area within a small footprint, which is critical for modern high-density PCBs.
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or complex screws, this part uses a **Push-Pin and Spring** system:
* **Secure Fit:** Provides consistent pressure on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Vibration Resistance:** The spring-loaded mechanism helps the heat sink stay in place during mechanical shock or shipping.
* **Pre-drilled Holes:** Requires specific hole patterns (spaced roughly 38mm apart for this series) on the PCB.
#### C. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
1. **Increased Surface Emissivity:** Improves heat radiation.
2. **Corrosion Resistance:** Protects the aluminum from oxidation in humid environments.
3. **Electrical Insulation:** The oxide layer is non-conductive, preventing accidental shorts if the sink touches a stray wire.
---
### 3. Application Use Cases
This specific model is typically found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Power Supplies:** Heat dissipation for MOSFETs or bridge rectifiers.
* **Embedded Systems:** Industrial PCs where airflow might be restricted.
---
### 4. Thermal Resistance Profile
The efficiency of this heat sink changes based on the airflow (LFM - Linear Feet per Minute):
```text
Airflow (LFM) | Thermal Resistance (°C/W)
------------------------------------------
100 | 8.70
200 | 4.60
300 | 3.40
400 | 2.80
500 | 2.50
```
---
- ⤷What is the recommended PCB hole pattern for this heat sink?
- ⤷ Does this model come with pre-applied thermal interface material?
- ⤷ How do I calculate if 14.12°C/W is sufficient for my specific chip?