ATS-04D-06-C3-R0
AI

The **ATS-04D-06-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch (increases surface area) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height (H)** | 25.00 mm |
| **Thermal Resistance** | 2.50 °C/W (@ 100 LFM) |
| **Finish** | Blue Anodized |
| **Spring/Pin Type** | Brass / Stainless Steel |
---
### 2. Design Features
* **Heat Pipe/Fin Geometry:** This model utilizes a "Fine-Pitch" vertical fin array. This design is optimized for environments where there is forced air cooling (fans), as it maximizes the surface area to volume ratio.
* **PushPIN™ Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical fastener. It provides consistent pressure (7-10 lbs) against the component, ensuring an optimal thermal interface.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with high-performance T766 phase-change material or similar, ensuring there are no air gaps between the heat sink and the chip.
---
### 3. Application Use Cases
This specific electronic part is commonly used in:
1. **Networking Hardware:** Cooling ASICs in switches and routers.
2. **Industrial PCs:** Thermal management for embedded processors.
3. **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
---
### 4. Thermal Performance Data
*Thermal resistance is measured in °C/W (Degrees Celsius per Watt).*
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :---: | :---: | :---: | :---: | :---: |
| **Thermal Resistance** | 2.50 | 1.63 | 1.35 | 1.19 | 1.09 |
- ⤷
What are the advantages of using pushPIN mounting over thermal adhesive?
- ⤷ How does the 'Fine-Pitch' fin design affect airflow resistance compared to 'Coarse-Pitch'?
- ⤷ Is this heat sink compatible with standard 40mm cooling fans?