ATS-04D-08-C3-R0
AI

The **ATS-04D-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation from integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | 14.61 °C/W (at 100 LFM) |
| **REACH/RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **04**: Product Series/Type.
* **D**: Material/Attachment Type.
* **08**: Fin Pattern/Specific Geometry.
* **C3**: Thermal Interface Material (TIM). This indicates the part comes pre-applied with **T412** or a similar high-performance thermal pad/grease.
* **R0**: Revision or specific packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not require electricity to run), it performs critical functions for electronic systems:
* **Thermal Regulation:** It increases the surface area of a hot component (like a CPU, FPGA, or MOSFET), allowing air to carry away heat more effectively.
* **Performance Stability:** By keeping the junction temperature ($T_j$) low, it prevents "thermal throttling" in processors, ensuring consistent clock speeds.
* **Component Longevity:** Excessive heat is the primary cause of electronic failure; this part extends the Mean Time Between Failures (MTBF) of the host PCB.
---
### 4. Installation Design
This part uses the **pushPIN™ attachment system**, which includes:
1. **Flexible Springs:** Provide a precise amount of "compression force" to ensure the heat sink is pressed firmly against the chip for maximum heat transfer.
2. **Plastic/Brass Push Pins:** These snap into pre-drilled holes in the PCB, making installation fast and eliminating the need for messy adhesives.
---
- ⤷
What is the significance of 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 14.61 °C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN™ attachment?