ATS-04D-100-C2-R0
AI

The **ATS-04D-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table highlights the primary mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 18.66°C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Fin Pattern** | Fine Pitch (Cross-Cut) |
| **Finish** | Blue Anodized |
---
### Key Components & Design Features
#### 1. Push-Pin Attachment Mechanism
The "04D" in the part number indicates a specific push-pin and spring assembly.
* **Purpose:** Provides consistent pressure (preload) between the heat sink and the electronic component.
* **Benefit:** This ensures maximum contact for the Thermal Interface Material (TIM) and simplifies installation on the PCB via pre-drilled holes.
#### 2. Cross-Cut Fin Design
The heat sink features a grid-like "Cross-Cut" pattern rather than straight fins.
* **Airflow Versatility:** This design allows for effective cooling regardless of the direction of the airflow (omni-directional).
* **Surface Area:** Increasing the surface area in a compact 25mm footprint allows for high heat dissipation in space-constrained environments.
#### 3. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and increases surface emissivity (the ability to radiate heat).
#### 4. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes with **T766 phase change material** or a high-performance thermal pad pre-applied to the base. This eliminates the need for manual application of thermal paste.
---
### Typical Applications
* **High-speed Networking:** Switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** MOSFETs and voltage regulators.
* **Compact Electronics:** Small form factor (SFF) devices requiring vertical cooling.
- ⤷
How does the '100' in the part number relate to the thermal performance?
- ⤷ What size PCB holes are required for the push-pin mounting?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal emissivity?