ATS-04D-121-C2-R0
AI

The **ATS-04D-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the "pushPIN™" series manufactured by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Fin Type** | Fine-Pitch |
| **Fin Pattern** | Straight |
| **Material** | Aluminum (AL6063) |
| **Thermal Resistance** | 9.48°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 10.00 mm |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Finish** | Blue Anodized |
---
### 2. Detailed Component Breakdown
#### A. Thermal Performance
This heat sink is designed for high-density electronic packaging. The **Fine-Pitch** fin design maximizes the surface area within a small 45mm x 45mm footprint.
* **Low Airflow:** At 1.0 m/s (200 LFM), the thermal resistance drops significantly to approximately **5.04°C/W**.
* **High Airflow:** Under forced convection (700 LFM), it reaches its peak efficiency at **2.42°C/W**.
#### B. Mechanical Attachment (The "pushPIN™" System)
The "R0" suffix refers to the specific attachment kit. This system replaces traditional adhesive tapes with a mechanical solution:
* **Pre-assembled Spring:** Provides precise pressure (engagement force) to ensure optimal thermal interface material (TIM) contact.
* **Push-Pins:** These pass through pre-drilled holes in the PCB, ensuring the heat sink remains secure even under high-vibration environments.
#### C. Material and Finish
* **AL6063 Aluminum:** Chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing increases the emissivity of the surface, slightly improving radiant heat transfer and providing corrosion resistance.
---
### 3. Applications
This part is typically found in:
1. **Telecommunications:** Cooling high-speed processors or ASICs.
2. **Embedded Systems:** For industrial motherboards where vertical space is limited (10mm height).
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What is the difference between the C1 and C2 versions of this part?