ATS-04D-14-C2-R0
AI

The **ATS-04D-14-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications Table
| Parameter | Detail |
| :--- | :--- |
| **Part Number** | ATS-04D-14-C2-R0 |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) with Spring |
| **Dimension (L x W x H)** | 50.0mm x 50.0mm x 20.0mm |
| **Thermal Resistance** | 9.97°C/W (at 200 LFM) |
| **Fin Type** | High-density straight fin |
---
### 2. Key Features and Component Breakdown
#### A. The Heat Sink Body
* **Aluminum Construction:** Offers a lightweight balance between thermal conductivity and cost-effectiveness.
* **Blue Anodizing:** This chemical treatment increases corrosion resistance and provides a slight improvement in surface emissivity, aiding radiative heat transfer.
#### B. Mounting Hardware (Push Pins)
The "C2" in the part number indicates the mounting hardware configuration:
* **Brass Push Pins:** These are inserted through pre-drilled holes in the PCB.
* **Compression Springs:** These ensure constant, uniform pressure between the heat sink and the electronic component, which is critical for maximizing thermal transfer.
#### C. Thermal Interface Material (TIM)
* The **R0** suffix typically denotes that the unit comes pre-applied with a thermal interface material (like a phase-change pad) or a specific adhesive. This fills microscopic air gaps between the component and the sink.
---
### 3. Performance Analysis
The efficiency of this part depends heavily on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Low) | 12.63 |
| 200 (Medium) | 9.97 |
| 400 (High) | 6.42 |
---
### 4. Common Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Gear:** Cooling for ASICs in routers and switches.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
How does the 'blue anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended hole size on the PCB for the ATS brass push pins?
- ⤷ Can this heat sink be used with a custom fan attachment?