ATS-04D-142-C3-R0
AI

The **ATS-04D-142-C3-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** family, designed for efficient thermal management of electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 4.92 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 10.07 °C/W @ Ducted flow |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Pitch** | Fine Pitch (Pattern: 4.50mm) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Features and Components
* **Heat Sink Body:** Constructed from high-grade aluminum for optimal heat dissipation. The "Fine-Pitch" fin design increases the surface area for cooling while maintaining a compact footprint.
* **pushPIN™ Attachment:** This is a mechanical mounting system that utilizes a plastic or brass pin combined with a compression spring. It provides consistent pressure to ensure a secure thermal bond between the sink and the chip.
* **T412 Thermal Interface Material (TIM):** This is a pre-applied phase-change material on the base of the heat sink. It fills microscopic air gaps between the component and the heat sink to maximize heat transfer efficiency.
* **Blue Anodized Finish:** Beyond aesthetics, the anodized coating provides corrosion resistance and improves thermal emissivity.
---
### 3. Part Number Decoder
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **04** | Series / Attachment Style |
| **D** | Material / Finish Code |
| **142** | Product Identifier (Internal size/fin spec) |
| **C3** | Thermal Interface Material (T412) |
| **R0** | RoHS Compliant / Revision |
---
### 4. Application Use Cases
The ATS-04D-142-C3-R0 is typically used in environments where space is limited but high thermal performance is required, such as:
* **Telecommunications:** Network switches and routers.
* **Industrial PCs:** Compact embedded systems.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷
What are the differences between T412 and other Thermal Interface Materials used by ATS?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the mounting hole requirements for the pushPIN system?