ATS-04D-150-C2-R0
AI

The **ATS-04D-150-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Attribute | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | Fine Pitch (Straight Fins) |
| **Thermal Resistance** | ~4.82 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Core Components and Design
This electronic cooling part consists of three primary elements:
#### A. Heat Sink Body
* **Material:** Extruded aluminum is used for its excellent thermal conductivity and lightweight properties.
* **Surface Area:** The vertical fins are spaced to allow maximum airflow (forced convection) while maintaining a compact footprint (35mm x 35mm).
* **Finish:** The blue anodized coating prevents corrosion and improves emissivity slightly.
#### B. Mounting Mechanism (Push-Pin & Spring)
* **Function:** It uses a brass or plastic push-pin with a stainless steel spring.
* **Benefit:** This provides consistent pressure (load) on the component, ensuring the thermal interface material (TIM) fills all microscopic gaps between the chip and the heat sink.
#### C. Thermal Interface Material (TIM)
* **Pre-applied:** The part comes with **T766** phase-change material or grease pre-applied to the base.
* **Role:** It eliminates air gaps between the component being cooled and the aluminum base, significantly lowering thermal resistance.
---
### 3. Usage Context
The **ATS-04D-150-C2-R0** is typically used in:
1. **Telecommunications:** Cooling high-speed processors in switches or routers.
2. **Industrial PCs:** Maintaining stable temperatures for logic controllers.
3. **Embedded Systems:** Protecting SoCs (System on Chips) from thermal throttling.
---
- ⤷
What is the significance of the T766 thermal interface material used in this part?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance rating?
- ⤷ Are there different spring tensions available for the push-pin mounting system?