ATS-04D-151-C1-R0
AI

The **ATS-04D-151-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.37°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Spring Type** | ATS-PPS-04 |
---
### 2. Key Design Features
* **Fin Profile (Fine Pitch):** The "151" designation refers to the specific fin pattern. It uses a **straight fin** design, which is optimal for systems with a defined airflow direction (unidirectional).
* **Push-Pin Attachment:** Instead of messy adhesives or simple clips, it uses a mechanical push-pin system. This provides consistent pressure (TIM compression) and makes the heat sink "reworkable" (easy to remove and reinstall).
* **Pre-Applied TIM:** These units typically come with high-performance **Phase Change Material (PCM)** or thermal interface tape pre-applied to the base, ensuring maximum heat transfer from the chip to the aluminum.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact configuration:
1. **ATS:** Advanced Thermal Solutions (Manufacturer).
2. **04:** Indicates the push-pin size or series.
3. **D:** Denotes the specific spring/pin material type.
4. **151:** The dimensional and fin geometry code.
5. **C1:** Refers to the thermal performance category/material (Aluminum).
6. **R0:** Revision code (Standard version).
---
### 4. Application Use-Cases
This part is commonly found in:
* **Telecommunications:** Cooling ASICs in routers and switches.
* **Embedded Systems:** Industrial PCs where space (10mm height) is limited.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the significance of the 9.37°C/W thermal resistance rating in a real-world circuit?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What are the compatible PCB hole patterns for the ATS-04 series push-pins?