ATS-04D-155-C2-R0
AI

The **ATS-04D-155-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series, designed specifically for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical attributes of the part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 5.37°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Pressure Drop** | 0.13 in-H2O (at 200 LFM) |
---
### 2. Key Electronic Components & Materials
The effectiveness of this part in an electronic circuit depends on its material properties and mounting hardware:
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase-change material or a high-performance tape. This ensures the air gaps between the hot component and the heat sink are filled to maximize heat transfer.
* **Aluminum 6063:** The heat sink is extruded from this alloy, chosen for its excellent thermal conductivity and lightweight properties, preventing physical stress on the PCB.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from oxidation and provides a slight increase in surface emissivity, which aids in radiant cooling.
* **Push-Pin Springs:** The R0 suffix indicates a specific spring tension. These springs provide consistent downward pressure (clamping force) on the electronic chip, which is critical for maintaining thermal contact under vibration or thermal expansion.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Network Switches/Routers:** Cooling high-speed ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 9.37 |
| 200 (Low Flow) | 5.37 |
| 500 (High Flow) | 3.30 |
- ⤷
What are the compatible PCB hole sizes for the ATS-04D-155-C2-R0 push-pins?
- ⤷ Does this heat sink come with pre-applied thermal interface material?
- ⤷ How does the 'C2' designation in the part number affect its material properties?