ATS-04D-166-C1-R0
AI

The **ATS-04D-166-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" attachment series designed for cooling electronic components such as processors, chipsets, and power modules.
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Thermal Resistance** | 12.12°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Spring Type** | Compression Spring |
---
### 2. Key Component Analysis
#### A. The Heat Sink Body (Aluminum)
The body is constructed from aluminum for its lightweight properties and high thermal conductivity. The **Blue Anodized** coating is not just aesthetic; it provides:
* Increased surface emissivity for better radiation cooling.
* Corrosion resistance and electrical insulation for the surface of the sink.
#### B. The Attachment System (Push Pins & Springs)
Instead of using messy adhesives or permanent solder, the **ATS-04D-166-C1-R0** uses a mechanical fastening system:
* **Brass Push Pins:** These are durable and designed to fit into specific PCB hole patterns.
* **Compression Springs:** These provide consistent downward pressure, ensuring that the Thermal Interface Material (TIM) stays in flush contact with the heat source, maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM fills the microscopic air gaps between the chip surface and the heat sink. T766 is a high-performance phase-change material that offers low thermal impedance.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how efficiently the part moves heat away from the electronic component. The lower the number, the better the cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM (1.0 m/s) | 12.12 |
| 400 LFM (2.0 m/s) | 8.27 |
| 600 LFM (3.0 m/s) | 7.01 |
---
### 4. Common Applications
This part is typically used in space-constrained electronic environments where reliable thermal management is critical:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where vibration might loosen adhesive-based sinks.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What is the required PCB hole diameter for the brass push pins in this model?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used for passive cooling without active airflow?