ATS-04D-200-C2-R0
AI

The **ATS-04D-200-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or high-power transistors on a PCB.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm |
| **Thermal Resistance** | 9.78°C/W @ 100 LFM |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Component Breakdown
#### A. The Heatsink (Extrusion)
The body is made of high-grade aluminum. It uses a **cross-cut fin design**, which increases surface area and allows for "omni-directional" airflow. This means it can dissipate heat effectively regardless of the direction the cooling fan is blowing.
#### B. The Attachment (Push-Pins & Springs)
Instead of adhesive tape, this model uses **plastic push-pins** and **compression springs**:
* **Reliability:** Provides consistent pressure on the component, improving heat transfer.
* **Ease of Install:** Requires two holes in the PCB for the pins to "click" into place.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** phase-change material pre-applied to the base. This fills the microscopic air gaps between the chip and the heatsink to ensure maximum thermal conductivity.
---
### 3. Part Number Decoder
The model number contains specific identifiers used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04D** | Series / Fin Type |
| **200** | Size/Length Reference |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Revision / Standard Packaging |
---
### 4. Typical Applications
* **Network Switches:** Cooling ASICs or FPGAs.
* **Industrial Computers:** General-purpose cooling for high-heat surface mount components.
* **Power Supplies:** Cooling voltage regulators or power modules.
- ⤷
What are the PCB hole requirements for the push-pin mounting?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can the pre-applied T766 thermal material be replaced with standard thermal paste?