ATS-04D-206-C2-R0
AI

The **ATS-04D-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass/Plastic) |
| **Thermal Resistance** | 7.71°C/W (at 100 LFM) |
| **Dimensions** | 54.00mm x 54.00mm x 25.00mm |
| **Weight** | ~0.15 lbs (approx. 68g) |
---
### 2. Design Characteristics
This heat sink utilizes a **Fine-Pitch** fin design to maximize surface area for heat exchange.
* **Fins:** It typically features a straight-fin or cross-cut pattern depending on the specific revision, optimized for directional airflow.
* **Thermal Interface Material (TIM):** The part usually comes with **T766** pre-applied. This is a high-performance thermal pad/paste that fills microscopic air gaps between the heat sink base and the electronic component.
* **Attachment:** The "push-pin" system uses a compression spring to ensure even pressure across the chip, which is critical for consistent thermal conductivity.
---
### 3. Thermal Performance Comparison
The effectiveness of the ATS-04D-206-C2-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 7.71 |
| 300 | 1.5 | 3.39 |
| 500 | 2.5 | 2.54 |
| 700 | 3.5 | 2.13 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Dissipating heat from high-wattage MOSFETs or IGBTs.
* **Evaluation Boards:** Cooling FPGAs during the prototyping phase.
---
- ⤷
How do I calculate the required airflow for this specific heat sink?
- ⤷ What are the advantages of blue anodized finish over plain aluminum?
- ⤷ Can the push-pin mounting be replaced with adhesive tape?