ATS-04D-33-C2-R0
AI

The **ATS-04D-33-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount devices like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Thermal Resistance (Flow)** | 17.42°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.85°C/W (at high velocity) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions** | 35mm x 35mm x 20mm |
---
### 2. Key Electronic Features
#### A. Heat Sink Profile (Cross-Cut)
The "33" in the part number refers to a specific fin geometry. This model utilizes a **straight-fin or cross-cut design** which allows for multi-directional airflow. This is critical in tightly packed electronic enclosures where air direction might not be perfectly linear.
#### B. Thermal Interface Material (TIM)
The part comes pre-assembled with **T766 phase-change material**.
* **Function:** It fills the microscopic air gaps between the electronic component (die) and the heat sink base.
* **Benefit:** Increases heat transfer efficiency without requiring the manual application of thermal paste.
#### C. Push-Pin Mounting System
Instead of using adhesive tapes (which can fail under high heat), this part uses a **spring-loaded push-pin mechanism**:
* **Engagement:** Provides consistent pressure across the component.
* **Reliability:** Ensures the heat sink stays attached during physical shocks or vibrations.
---
### 3. Application Use-Case
This part is typically found in:
* **Telecommunications:** Cooling signal processors.
* **Embedded Systems:** Industrial PCs where fan failure must be compensated for by passive cooling.
* **Power Supplies:** Managing heat in voltage regulators.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04** | Form Factor/Size Category |
| **D** | Material/Process Indicator |
| **33** | Height and Fin Configuration |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
- ⤷
What are the PCB hole diameter requirements for the push-pins?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a cooling fan?