ATS-04D-56-C2-R0
AI

The **ATS-04D-56-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" series designed for efficient thermal management of electronic components.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 17.72°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Pin Material** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Characteristics
This heat sink utilizes a **Cross-Cut (Pin Fin)** design, which provides several advantages for electronics:
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, the cross-cut design allows air to enter from any direction, making it ideal for systems where the airflow path is unpredictable or turbulent.
* **Low Profile:** With a height of 15mm, it is suitable for 1U server chassis or compact embedded systems.
* **Push-Pin Mounting:** It uses a spring-loaded mechanism that ensures consistent pressure on the component (CPU, GPU, or ASIC), improving heat transfer and protecting the chip from mechanical shock.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute - LFM) within the enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 17.72 |
| 200 | 6.51 |
| 300 | 4.46 |
| 400 | 3.54 |
| 500 | 3.02 |
---
### 4. Implementation Example
To integrate this into a PCB design, you must account for the mounting hole diameter and the footprint:
```markdown
PCB Layout Requirements:
- Hole Diameter: 3.0mm (typically)
- Hole Spacing: 33mm x 33mm (standard for 40mm push-pin series)
- Keep-out Zone: 42mm x 42mm (to allow for pin clearance)
```
- ⤷What are the differences between T766 and other thermal interface materials?
- ⤷ Can this heat sink be used for passive cooling without a fan?
- ⤷ How do I calculate the required LFM for my specific chip wattage?