ATS-04D-91-C3-R0
AI

The **ATS-04D-91-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc.** It is part of the **blue-ANODIZED** series, specifically designed for cooling electronic components like CPUs, GPUs, or power modules in constrained spaces.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 22.07 °C/W @ 100 LFM |
| **Thermal Interface Material** | T412 (Phase Change) |
| **Fin Configuration** | Fine Pitch (Straight) |
---
### 2. Key Electronic Components & Design Features
#### A. The pushPIN™ Attachment System
This part uses a specialized **pushPIN™** mechanism. Unlike adhesive-based heat sinks, this uses a brass or plastic pin with a high-tension spring.
* **Mechanical Stability:** It provides a consistent "clamping force" on the electronic chip, ensuring optimal contact.
* **Reusability:** It can be removed and reinstalled without damaging the PCB or the component.
#### B. Thermal Interface Material (T412)
The bottom of the heat sink comes pre-applied with **T412**.
* **Purpose:** It fills the microscopic air gaps between the heat sink and the electronic component (die).
* **Efficiency:** It is a high-performance phase-change material that offers low thermal impedance.
#### C. Fin Geometry (Straight-Fin)
The "91" in the part number refers to the specific fin design.
* **Airflow:** This design is optimized for environments where there is a consistent directional airflow (ducted or fan-assisted).
* **Surface Area:** The fine-pitch fins maximize the surface area for heat dissipation while maintaining a low 10mm height profile.
---
### 3. Common Applications
This heat sink is typically found in the following electronic systems:
1. **Network Switches & Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** For industrial PCs where vertical space is limited.
3. **Power Electronics:** Dissipating heat from voltage regulators or small MOSFET arrays.
- ⤷
What are the alternative attachment methods for ATS heat sinks?
- ⤷ How does the T412 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without a fan?