ATS-04E-101-C3-R0
AI

The **ATS-04E-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series designed for cooling processors and other integrated circuits.
---
### 1. Technical Specifications
Below are the key physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Interface Material** | T766 (High Performance Phase Change) |
| **Thermal Resistance** | 6.77 °C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic/Thermal Components breakdown
#### A. The Heat Sink Body
The core is made of **AL6063 aluminum**, chosen for its balance of high thermal conductivity and light weight. The 30mm height provides a significant surface area for heat dissipation into the surrounding air via natural or forced convection.
#### B. The Push-Pin Attachment
Instead of using adhesive tape or soldering, this part uses a **mechanical push-pin system** with a compression spring.
* **Purpose:** Ensures consistent pressure between the heat sink and the electronic component (CPU/GPU/FPGA).
* **Benefit:** This prevents air gaps and compensates for thermal expansion/contraction during electronic operation.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 phase-change material**.
* **Function:** It fills the microscopic air gaps between the chip surface and the heat sink base.
* **Behavior:** When the electronic part heats up, the T766 softens/melts to provide maximum thermal contact.
---
### 3. Typical Applications
This specific thermal solution is used in various electronic systems where heat dissipation is critical for component longevity:
* **Networking Hardware:** High-speed routers and switches.
* **Industrial PCs:** Embedded systems requiring passive or active cooling.
* **Power Supplies:** Cooling voltage regulators and power MOSFETs.
* **FPGA & ASICs:** Protecting custom logic chips from thermal throttling.
---
### 4. Thermal Performance Comparison
The efficiency of the heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 12.63 |
| **200** | 6.77 |
| **400** | 4.24 |
| **600** | 3.22 |
- ⤷
How do I determine the correct hole pattern on a PCB for this push-pin heat sink?
- ⤷ What are the advantages of blue anodizing over standard aluminum finishes?
- ⤷ Can the T766 thermal interface material be replaced if the heat sink is reused?