ATS-04E-76-C2-R0
AI

The **ATS-04E-76-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 10mm |
| **Thermal Resistance** | 27.33°C/W (Natural Convection) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Fin Style** | Straight Fin |
---
### 2. Core Electronic/Thermal Features
#### A. Attachment Mechanism (Push-Pin)
The "04E" in the part number signifies the specific push-pin and spring assembly.
* **Purpose:** Provides a consistent, high-pressure attachment to the PCB.
* **Benefit:** This ensures maximum contact between the heat sink base and the electronic component, reducing interfacial thermal resistance.
#### B. Thermal Interface Material (T766)
This part comes with **T766** pre-applied to the base.
* **Role:** Fills microscopic air gaps between the heat sink and the chip.
* **Electronic Safety:** It is typically non-electrically conductive, preventing shorts on the surface of the component.
#### C. Fin Design and Airflow
The straight-fin design is optimized for specific airflow directions.
* **High Performance:** In forced air systems (with a fan), the thermal resistance can drop significantly (e.g., down to ~5.0°C/W at 400 LFM), allowing for much higher power dissipation.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **04** | Attachment Series (Push-pin type) |
| **E** | Spring Type/Pressure Rating |
| **76** | Part-specific Identifier (Dimensions/Fin Count) |
| **C2** | Color/Finish (C2 usually denotes Blue Anodized) |
| **R0** | RoHS Compliance Status |
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling small-form-factor processors.
* **Networking Gear:** Cooling chips inside routers and switches where vertical space is limited (10mm height).
* **Power Supplies:** Managing heat for voltage regulators or MOSFETs.
---
- ⤷
What are the PCB hole requirements for the push-pin attachment of this heat sink?
- ⤷ How does the thermal resistance change at different airflow velocities (LFM)?
- ⤷ Are there alternative Thermal Interface Materials (TIM) available for this model?