AI

The **ATS-04E-79-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing the cooling element directly to a PCB.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 30.00mm |
| **Fin Style** | Straight |
| **Fin Pattern** | Fine-Pitch (High density) |
| **Thermal Resistance** | 2.63°C/W (@ 100 LFM) |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
* **Material:** Constructed from high-grade aluminum for optimal thermal conductivity.
* **Geometry:** It features a square footprint (25mm) with a relatively tall profile (30mm), making it suitable for compact spaces that allow for vertical clearance.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiant heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex brackets, this part uses a spring-loaded push-pin mechanism:
* **Push-Pins:** Usually made of brass or plastic, designed to click into pre-drilled holes in the PCB.
* **Compression Springs:** These ensure consistent pressure (clamping force) between the heat sink and the electronic component (CPU, GPU, or FPGA), which is vital for efficient heat transfer.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This is a phase-change material or thermal pad located on the base of the heat sink to fill microscopic air gaps between the component and the metal.
---
### 3. Application Use-Cases
This specific part is generally used for cooling medium-power semiconductors in industrial or networking environments:
1. **Networking:** Cooling small switches, routers, or interface chips.
2. **Embedded Systems:** High-speed processors in industrial PCs.
3. **Power Electronics:** Cooling MOSFETs or voltage regulators that are generating concentrated heat.
---
### 4. Thermal Performance Comparison
Thermal resistance indicates how effectively the device moves heat away from the component. A lower value is better.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 2.63 |
| 300 | 1.5 | 1.35 |
| 500 | 2.5 | 1.05 |
- ⤷
What is the hole-to-hole spacing required on the PCB for this specific push-pin model?
- ⤷ How does the 'Fine-Pitch' fin design compare to 'Cross-Cut' designs in terms of airflow?
- ⤷ Can the pre-applied thermal material be replaced with aftermarket thermal paste?