ATS-04F-03-C3-R0
AI

The **ATS-04F-03-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power MOSFETs.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 15.97°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T412 (Phase change or grease pre-applied) |
---
### 2. Design and Engineering Components
#### A. The Fin Geometry
The "03" in the part number refers to a specific fin configuration. Straight fins are ideal for environments where there is a consistent, unidirectional airflow. The aluminum construction provides a balance between weight and thermal conductivity.
#### B. The Push-Pin Attachment Mechanism
Instead of using messy adhesives or permanent thermal tape, this part uses a mechanical fastening system:
* **Plastic Push-Pins:** Inserted through pre-drilled holes in the PCB.
* **Compression Springs:** These ensure that the heat sink applies a consistent, calibrated pressure onto the electronic chip, which is critical for maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
The **C3** designation in the part number indicates the type of TIM pre-applied to the base. In this case, it usually refers to **T412**, a high-performance material that fills microscopic air gaps between the component and the heat sink.
---
### 3. Applications
This part is commonly used in industrial and consumer electronics where reliable cooling is required for:
1. **Network Switches and Routers:** Cooling internal processors.
2. **Power Supplies:** Managing heat from voltage regulators.
3. **Embedded Systems:** Industrial PCs where vibration resistance is needed (the push-pins keep the sink secure).
---
### 4. Part Number Breakdown (Nomenclature)
`ATS - 04 F - 03 - C3 - R0`
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04:** Series/Family.
* **F:** Fin height/style code.
* **03:** Specific fin geometry and spacing.
* **C3:** Blue Anodized finish with T412 Thermal Interface Material.
* **R0:** RoHS compliant version.
- ⤷
How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ What are the PCB hole diameter requirements for the push-pin installation?
- ⤷ Is there a copper version of this heat sink for higher thermal conductivity?