ATS-04F-10-C2-R0
AI

The **ATS-04F-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "push pin" series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part number:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 7.89°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight Fin (XC Series) |
| **Spring Type** | Brass (Compression Spring) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **04F**: Series code (denotes specific fin pattern and height).
* **10**: Fin height and width configuration.
* **C2**: Material and Finish (Aluminum with Blue Anodized finish).
* **R0**: Versioning/Revision code.
---
### 3. Key Electronic Functions
While the heatsink itself is passive, its role in an electronic circuit is critical for the following reasons:
1. **Thermal Dissipation**: It increases the surface area of the heat source, allowing ambient air to carry away heat generated by semiconductor junctions.
2. **Reliability (MTBF)**: By keeping the operating temperature of a chip low, it significantly extends the Mean Time Between Failures.
3. **Pressure Application**: The push-pin mechanism provides a specific "Preload" force. This ensures the **Thermal Interface Material (TIM)**—like thermal paste or pads—is compressed enough to fill microscopic air gaps between the chip and the heatsink.
4. **Airflow Optimization**: The XC "Straight Fin" design is optimized for environments where there is a clear path for forced air (fan-driven) to move through the fins.
---
### 4. Mounting & Installation
The **ATS-04F-10-C2-R0** uses a mechanical attachment system rather than adhesive:
* **Push Pins**: Require pre-drilled holes in the Printed Circuit Board (PCB).
* **Springs**: Provide consistent pressure to prevent the heatsink from shifting during mechanical shock or vibration.
---
- ⤷
What is the required PCB hole diameter for the ATS push-pin system?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be used in passive cooling (natural convection) environments?