ATS-04F-115-C2-R0
AI

The **ATS-04F-115-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Fin Type** | XCUT (Straight Fin with cross-cut) |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 5.33°C/W (at 200 LFM) |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
* **Material:** Made of aluminum for optimal thermal conductivity-to-weight ratio.
* **XCUT Fin Pattern:** The "XCUT" geometry allows for omnidirectional airflow. This means the cooling efficiency is maintained regardless of which direction the fan is blowing across the board.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly increases surface emissivity for better radiant heat transfer.
#### B. Attachment Mechanism (Push-Pin)
* **Ease of Assembly:** It uses a tool-less push-pin system. The pins snap into pre-drilled holes on the PCB (Printed Circuit Board).
* **Compression Springs:** These provide a consistent "normal force" (downward pressure) to ensure the thermal interface material (TIM) is squeezed flat between the heat sink and the chip, maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Phase Change Material:** Most units in this series come with **T766** or similar high-performance thermal pads pre-applied to the base. This eliminates the need for manual thermal paste application.
---
### 3. Electronic Application Use Cases
This specific part is typically used in the following scenarios:
1. **Network Switches/Routers:** Cooling the main processing chips.
2. **Embedded Systems:** For industrial PCs where passive or forced-air cooling is required.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or voltage regulators.
---
- ⤷
What are the recommended PCB hole sizes for the push-pins of the ATS-04F-115-C2-R0?
- ⤷ How does 'XCUT' fin geometry compare to standard straight fins in terms of airflow?
- ⤷ Can the pre-applied thermal material be replaced with aftermarket thermal grease?