ATS-04F-122-C2-R0
AI

The **ATS-04F-122-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for cooling electronic components such as CPUs, GPUs, and high-density power modules.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance** | 5.87°C/W (at 1.0 m/s flow) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Pitch/Pattern** | 43.00mm |
| **Flow Orientation** | Flat Fin (Straight) |
---
### 2. Key Design Components
The "electronic" utility of this part is defined by its ability to manage thermal dissipation in restricted spaces.
* **push-PIN™ Attachment:** This is a specialized mounting mechanism designed for quick and secure attachment to a Printed Circuit Board (PCB). It uses a flexible industry-standard hole pattern.
* **Compression Springs:** The assembly includes a "pre-assembled" compression spring that ensures consistent pressure between the heat sink and the electronic component, optimizing thermal transfer.
* **Thermal Interface Material (TIM):** The **R0** suffix typically indicates that the part comes with **T766** phase-change material or high-performance thermal tape pre-applied to the base.
* **Flat Fin Profile:** The straight-fin design is optimized for environments where there is a consistent direction of airflow (forced convection), allowing heat to be carried away efficiently from the semiconductor junction.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying specific features:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **04** | Series or Product Line |
| **F** | Fine Pitch (Fin density) |
| **122** | Specific mechanical dimensions and thermal profile |
| **C2** | Material/Finish Code (Blue Anodized Aluminum) |
| **R0** | Packaging and Thermal Interface Material status |
---
### 4. Application Use Cases
This heat sink is typically found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial PC motherboards.
3. **Power Supplies:** Cooling MOSFETs or IGBTs in power conversion circuits.
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow for a thermal resistance of 5.87°C/W?
- ⤷ Can the push-PIN mechanism be reused if the component is moved to a different PCB?