ATS-04F-148-C3-R0
AI

The **ATS-04F-148-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for cooling electronic components such as CPUs, GPUs, and power transistors.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-04F-148-C3-R0 |
| **Fin Style** | Push-Pin (High-Performance) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 15mm |
| **Thermal Resistance** | 14.33°C/W (Unducted Flow) |
| **Attachment Method** | Push-Pin (Plastic) |
---
### Key Electronic & Physical Features
#### 1. Heat Dissipation Mechanism
The device uses a **Cross-Cut fin design**, which allows for airflow from multiple directions. This is critical in cramped electronic enclosures where air may not flow in a single straight path.
#### 2. Mounting System (Push-Pins)
Unlike adhesive-based heat sinks, the "R0" series uses a **Push-Pin and Brass Spring** mechanism:
* **Reliability:** Provides consistent pressure (clamping force) on the electronic component, ensuring maximum thermal contact.
* **Safety:** Prevents the heat sink from shifting or falling off during high-vibration environments.
#### 3. Thermal Interface Material (TIM)
The part typically comes pre-applied with **Chomerics T766**, a high-quality phase-change material. This fills the microscopic air gaps between the heat sink and the electronic chip to lower thermal impedance.
#### 4. Material Efficiency
The **Blue Anodized Aluminum** construction provides two benefits:
* **Increased Surface Area:** The chemical process slightly increases the effective surface area for cooling.
* **Corrosion Resistance:** Protects the aluminum from oxidation in humid industrial environments.
---
### Application Usage
This part is commonly found in the following electronic systems:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs and automation controllers.
- ⤷
What are the airflow requirements to achieve the rated 14.33°C/W thermal resistance?
- ⤷ Does this model come with different spring tension options for sensitive chips?
- ⤷ What is the specific PCB hole pattern required for the push-pin installation?