AI

The **ATS-04F-188-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the key mechanical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (straight fins) |
---
## 2. Key Features and Design
### Thermal Efficiency
The part utilizes a **fine-pitch fin design**, which maximizes the surface area for heat exchange without significantly obstructing airflow. This makes it ideal for high-density PCB layouts.
### Attachment Mechanism: Push-Pin & Spring
Instead of using adhesive tape, this model uses a **push-pin and spring assembly**:
* **Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB.
* **Springs:** They ensure consistent "downward pressure" on the heat source, improving the interface between the chip and the heat sink.
### Material and Coating
* **Aluminum:** Provides a lightweight solution with excellent thermal conductivity.
* **Blue Anodizing:** This isn't just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, slightly improving radiation cooling.
---
## 3. Usage Context
This part is typically found in:
1. **Networking Hardware:** Routers, switches, and high-speed modems.
2. **Embedded Systems:** Industrial PCs or controllers that run 24/7.
3. **Power Electronics:** Voltage regulators or motor drivers that generate significant localized heat.
---
## 4. Part Number Breakdown (Example)
The ATS naming convention generally follows this logic:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04:** Series/Product line.
* **F:** Fin density or material specific code.
* **188:** Dimensions/Size code.
* **C2:** Blue Anodized finish.
* **R0:** Revision or RoHS compliance status.
- ⤷
What is the hole-to-hole spacing required for this push-pin heat sink?
- ⤷ Can this heat sink be used with thermal paste or phase change materials?
- ⤷ How does the LFM (Linear Feet per Minute) affect the cooling performance of this part?