ATS-04F-207-C2-R0
AI

The **ATS-04F-207-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" attachment series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 100mm x 100mm x 25mm |
| **Fin Style** | XCUT (Cross-Cut) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 6.39°C/W (at 200 LFM) |
---
### 2. Physical Design and Construction
* **XCUT Fin Pattern:** The "XCUT" geometry features vertical and horizontal gaps between the fins. This design is highly effective in environments where airflow direction might vary or where "omni-directional" cooling is required.
* **Aluminum Body:** Chosen for its excellent thermal conductivity-to-weight ratio, ensuring heat is moved away from the semiconductor junction quickly.
* **Blue Anodized Coating:** The blue anodization is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the heat sink, slightly improving radiant heat transfer.
---
### 3. Mounting and Thermal Interface
* **Push-Pin Attachment:** The device uses a brass push-pin mechanism with a compressed spring. This ensures a consistent and reliable downward pressure (clamping force) on the electronic component, which is critical for thermal efficiency.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. T766 is a high-performance thermal phase-change material that fills microscopic air gaps between the chip and the heat sink.
---
### 4. Thermal Performance Curves
The effectiveness of this part depends heavily on the Linear Feet per Minute (LFM) of airflow provided by system fans:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 6.39 |
| 400 | 2.13 |
| 600 | 1.34 |
*Higher LFM results in significantly lower thermal resistance, meaning the part becomes much more efficient as fan speed increases.*
---
- ⤷
What are the specific hole patterns required on the PCB for this push-pin mount?
- ⤷ How does XCUT fin geometry compare to straight fin geometry in terms of pressure drop?
- ⤷ Can the T766 thermal material be replaced with standard thermal paste for better performance?