ATS-04F-209-C2-R0
AI

The **ATS-04F-209-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, and power modules.
### 1. Technical Specifications
The following table highlights the core mechanical and thermal properties of this specific part number:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 6.27°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 70mm x 70mm x 10mm |
| **Fin Style** | XC-Cut (Cross-cut) |
---
### 2. Key Features and Design
* **XC-Cut Fin Pattern:** The "XC-Cut" design features a cross-cut pattern that allows for multi-directional airflow. This is critical in cramped electronic enclosures where air may not flow in a straight line.
* **Low Profile:** With a height of only 10mm, this heat sink is ideal for 1U servers or low-profile embedded systems.
* **Pre-applied Thermal Interface Material (TIM):** This part usually comes with **T766** phase-change material or similar, which ensures optimal heat transfer from the chip to the aluminum base without needing manual paste application.
* **Secure Attachment:** The "04F" designation refers to the specific push-pin and spring combination used to apply consistent pressure on the high-power component, preventing air gaps.
---
### 3. Applications
The ATS-04F-209-C2-R0 is commonly used in:
1. **Telecommunications:** Cooling for ASICs and FPGAs in networking switches.
2. **Computing:** Chipset cooling on motherboards or high-speed storage controllers.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or power converters.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the velocity of the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.37 |
| 200 | 1.0 | 6.27 |
| 400 | 2.0 | 4.35 |
| 600 | 3.0 | 3.48 |
- ⤷
How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the specific hole diameter required for the push pin mounting?
- ⤷ Can this heat sink be used with a custom clip instead of the standard push pins?