ATS-04F-21-C2-R0
AI

The **ATS-04F-21-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **blueICE™** series and is designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 60mm x 60mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 16.28°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design Characteristics
The ATS-04F-21-C2-R0 features specific design choices tailored for modern PCB environments:
* **Low Profile:** With a height of only 10mm, it is ideal for 1U server racks, blade servers, and compact electronic enclosures where vertical space is limited.
* **pushPIN™ Attachment:** Instead of messy adhesives or clips, it uses a push-pin mechanism with a specific spring rate. This ensures constant, uniform pressure across the component surface for optimal heat transfer.
* **Straight Fin Pattern:** This design is optimized for **forced convection** (airflow directed by fans). The straight fins provide low resistance to airflow while maximizing surface area.
* **Thermal Interface Material (TIM):** It comes with **T766** pre-applied. This is a high-conductivity material that fills microscopic air gaps between the heat sink and the chip.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** For industrial PCs where reliability and vibration resistance (provided by the push-pins) are required.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
---
- ⤷
What is the difference between this heat sink and a cross-cut fin design?
- ⤷ How do I calculate the thermal resistance for different airflow speeds (LFM)?
- ⤷ What are the PCB hole requirements for the pushPIN attachment system?