ATS-04F-36-C3-R0
AI

The **ATS-04F-36-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" attachment family designed for cooling Integrated Circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-04F-36-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 36.83 mm x 36.83 mm |
| **Height (Fin Height)** | 12.70 mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Double-sided thermal tape) |
---
### 2. Design and Component Breakdown
#### A. The Fin Design (High Performance)
The "F" in the part number often refers to the **Fine Pitch** or a specific fin geometry. These heatsinks typically use a cross-cut or straight-fin design to maximize surface area for heat dissipation.
* **Purpose:** To transfer heat from the semiconductor die into the surrounding air via convection.
#### B. The Push-Pin Attachment Mechanism
Unlike adhesive-only heatsinks, the ATS-04F-36-C3-R0 uses a mechanical **Push-Pin** system.
* **Spring-Loaded:** The brass push-pins use a compression spring to apply consistent, even downward pressure on the component.
* **Reliability:** This prevents the heatsink from shifting during high-vibration environments or thermal expansion cycles.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T412 thermal tape**.
* **Function:** It fills microscopic air gaps between the CPU/GPU surface and the aluminum base.
* **Performance:** T412 is known for high thermal conductivity and strong adhesion, providing a secondary layer of security alongside the pins.
---
### 3. Application Use Cases
* **BGA Cooling:** Primarily used for Ball Grid Array (BGA) components like Chipsets, FPGAs, and Processors.
* **Telecommunications:** Used in routers and switches where airflow is consistent but heat density is high.
* **Industrial PC:** Suitable for embedded systems requiring long-term mechanical stability.
---
### 4. Thermal Performance Profile
The effectiveness of this part depends heavily on the **Airflow (LFM - Linear Feet per Minute)**:
* **Low Airflow:** Higher thermal resistance (the heatsink is less effective).
* **High Airflow:** Lower thermal resistance (the heatsink rapidly dissipates heat).
- ⤷
What are the PCB hole diameter requirements for the brass push-pins on this model?
- ⤷ How does the T412 thermal tape compare to phase-change materials for this heatsink?
- ⤷ Can this heatsink be used in a passive cooling environment without a fan?