ATS-04F-41-C1-R0
AI

The **ATS-04F-41-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
| **Thermal Resistance** | ~10.02 °C/W (at 100 LFM) |
| **Flow Direction** | XC (Cross-flow / Omnidirectional) |
---
### 2. Key Component Features
* **Heat Sink Material:** Made of aluminum, which provides a balance between lightweight design and high thermal conductivity.
* **pushPIN™ Attachment:** This model uses a tool-free push-pin mechanism that secures the heat sink to the PCB (Printed Circuit Board) using pre-drilled holes and springs. This ensures consistent pressure for optimal thermal contact.
* **Fin Profile:** It features a **Straight Fin** or **Square Pin** design (depending on the specific XC variant) to allow air to pass through from multiple directions, making it ideal for systems with unpredictable airflow.
* **Thermal Interface Material (TIM):** Typically comes with a pre-applied high-performance thermal pad (often ATS-PPS-04) to bridge the air gap between the component and the heat sink.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact specs:
* **ATS:** Brand (Advanced Thermal Solutions).
* **04:** Part series/dimensions.
* **F:** Thermal performance/Fin configuration.
* **41:** Length/Width identifier (45mm).
* **C1:** Material and Finish (Aluminum, Blue Anodized).
* **R0:** Version/Packaging code.
---
### 4. Application Usage
```python
# Example of calculating required thermal resistance for this part
# R_ca = (T_junction - T_ambient) / Power_Watts
power_dissipation = 5 # Watts
max_temp = 85 # Celsius
ambient_temp = 35 # Celsius
required_resistance = (max_temp - ambient_temp) / power_dissipation
print(f"Required R_ca: {required_resistance} C/W")
# If 10.02 C/W (ATS-04F-41-C1-R0) < Required R_ca, the part is suitable.
```
- ⤷
What are the different push-pin materials available for this heat sink?
- ⤷ How does the air flow velocity (LFM) affect the thermal resistance of this part?
- ⤷ What are the PCB hole diameter requirements for the ATS pushPIN system?