ATS-04F-79-C3-R0
AI

The **ATS-04F-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "push pin" series designed for securing cooling solutions to PCBs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 30mm |
| **Thermal Resistance** | 2.63° C/W (@ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Component Design Breakdown
#### A. Fin Profile (Straight Fin)
The "79" in the series typically refers to the **Straight Fin** geometry. Straight fins are optimized for unidirectional airflow. This design allows for a lower pressure drop and efficient heat dissipation when used with a dedicated cooling fan.
#### B. Push-Pin Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **Push-Pin** system:
* **Precision:** Ensures consistent pressure across the component (CPU/GPU/ASIC).
* **Reliability:** Resistant to shock and vibration compared to "peel-and-stick" tapes.
* **Hole Pattern:** Requires pre-drilled holes in the PCB for the 4.7mm (standard) push pins.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases the surface emissivity, slightly improving radiative cooling, and provides corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) indicates how much the temperature rises per watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.63 |
| 200 (1.0 m/s) | 1.99 |
| 400 (2.0 m/s) | 1.60 |
| 600 (3.0 m/s) | 1.42 |
---
### 4. Applications
This specific size (25mm x 25mm) is commonly used for:
* **Northbridge/Southbridge** chips on motherboards.
* **FPGA and ASIC** cooling in industrial networking equipment.
* **High-power LED** thermal management.
* **Motor Drivers** in robotics.
- ⤷
What is the standard PCB hole size required for the ATS push-pin mounting?
- ⤷ How does the T412 Thermal Interface Material compare to standard thermal paste?
- ⤷ Can this heat sink be used in a natural convection environment without a fan?