ATS-04F-83-C1-R0
AI

The **ATS-04F-83-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) and other electronic components to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the key technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Thermal Resistance (Unducted)** | 15.97 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.02 °C/W @ 200 LFM |
| **Fin Pattern** | Straight Fin |
---
### 2. Physical Design & Construction
* **Heat Sink Material:** Constructed from high-grade aluminum for a balance of weight and thermal conductivity.
* **The "pushPIN™" System:** This part uses a proprietary attachment system. It features a pre-drilled hole pattern and a spring-loaded pin that provides a precise amount of pressure (compression) on the electronic component, ensuring optimal thermal contact.
* **Fin Structure:** It utilizes a high-efficiency straight-fin design, which is optimized for airflow from cooling fans.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **Phase Change Material (PCM)** or thermal pad, designated by the "C1" suffix (usually signifying a high-performance thermal grease or pad).
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04** | Attachment Style (Push-Pin) |
| **F** | Pitch/Fin Density |
| **83** | Specific model/size code |
| **C1** | Thermal Interface Material (T766 or similar grease) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Typical Applications
This part is commonly used in the following electronic environments:
* **Telecommunications:** Cooling of networking processors.
* **Embedded Systems:** Industrial PCs and small form-factor boards.
* **Power Supplies:** Heat dissipation for MOSFETs and Voltage Regulators.
* **Consumer Electronics:** High-speed routers and storage devices.
- ⤷
What are the benefits of the pushPIN™ attachment system over traditional adhesive tape?
- ⤷ How does the thermal resistance change with different airflow speeds (LFM)?
- ⤷ Is this heat sink compatible with standard PCB hole patterns?