ATS-04F-87-C3-R0
AI

The **ATS-04F-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring Loaded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 13.30°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Design Components
#### A. The Fin Design
The "87" in the part number refers to a specific fin pattern. These heat sinks typically use **Straight Fins** or **Cross-Cut** patterns. This design maximizes surface area while allowing air from a fan or natural convection to pass through the gaps, carrying heat away from the base.
#### B. The Push-Pin Attachment
Instead of using messy adhesives or permanent solder, this model uses a **push-pin and brass spring** mechanism:
* **Reliability:** Ensures consistent pressure (clamping force) between the heat sink and the chip.
* **Installation:** Requires pre-drilled holes in the PCB.
* **Serviceability:** Allows the heat sink to be removed for maintenance without damaging the board.
#### C. Thermal Interface Material (TIM)
The "C3" designation indicates the type of thermal compound pre-applied to the base.
* **T412:** This is a high-performance thermal pad/grease that fills microscopic air gaps between the component and the heat sink, ensuring efficient heat transfer.
---
### 3. Application Use Cases
The ATS-04F-87-C3-R0 is commonly used in environments where space is limited but thermal loads are high:
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Routers, switches, and networking hardware.
* **Power Electronics:** Cooling voltage regulators or power modules.
---
- ⤷
How do I calculate if the 13.30°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Are there copper versions of this heat sink for higher thermal conductivity?