ATS-04G-101-C3-R0
AI

The **ATS-04G-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs).
### 1. Technical Specifications
Below are the key physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 3.22 °C/W (at 200 LFM) |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
* **Material:** Made from Aluminum 6063, which offers a balance between high thermal conductivity and structural strength.
* **Fin Geometry:** It uses a high-density fin pattern to maximize surface area for heat dissipation. The "30mm" height indicates it is designed for environments with sufficient vertical clearance to handle significant heat loads.
#### B. The Push Pin Mounting System
The "-R0" designation refers to the specific mounting kit included:
* **Push Pins:** Made of brass or plastic, these insert through pre-drilled holes in the PCB.
* **Compression Springs:** These provide a precise amount of downward pressure (clamping force) on the processor, ensuring optimal contact between the heat sink base and the electronic component.
#### C. Thermal Interface Material (TIM)
* The **"C3"** in the part number typically indicates the type of thermal interface material pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the chip to improve heat transfer.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and motherboards.
3. **Power Electronics:** Cooling for MOSFETs or high-performance voltage regulators.
4. **Processors:** Used on BGA (Ball Grid Array) chips that generate moderate to high heat.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04G:** Product Series.
* **101:** Specific dimensions and fin configuration.
* **C3:** Thermal Interface Material (TIM) type.
* **R0:** Revision/Packaging standard.
- ⤷
What is the thermal resistance of this heat sink at different airflow speeds?
- ⤷ Are there plastic push pin alternatives for this specific model?
- ⤷ How do I calculate if the 30mm height will fit my PCB enclosure?