ATS-04G-152-C2-R0
AI

The **ATS-04G-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for efficient thermal management of electronic components like CPUs, GPUs, and other high-heat-generating ICs.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-04G-152-C2-R0 |
| **Heat Sink Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Thermal Resistance** | ~3.32°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Style** | Straight Fin (Extrusion) |
| **Attachment Method** | Push-pin with Brass Spring |
---
### Key Electronic & Mechanical Components
#### 1. The Heat Sink Body (Thermal Interface)
The primary structure is made of **Aluminum 6063**, chosen for its high thermal conductivity and lightweight properties.
* **Fin Geometry:** It uses a straight-fin design, which is optimized for **unidirectional airflow**.
* **Surface Finish:** The Blue Anodized coating is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiant heat transfer.
#### 2. The Mounting System (Push-Pin)
Instead of adhesive tapes, this part uses a mechanical attachment system:
* **Push-pins:** Made of durable plastic or metal, designed to snap into pre-drilled holes on the PCB (Printed Circuit Board).
* **Compression Springs:** These maintain a constant downward force (pressure) on the electronic chip, ensuring an airtight seal between the chip and the heat sink.
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number usually indicates the factory-applied thermal interface.
* **Pre-applied TIM:** Usually a high-performance phase-change material or thermal pad applied to the base. This fills the microscopic air gaps between the component and the heat sink to maximize heat flow.
---
### Application Usage
This specific heat sink is commonly found in:
* **Telecommunications:** Network switches and routers.
* **Computing:** Secondary processors and high-speed memory controllers.
* **Industrial Power:** Power supply modules and motor controllers.
---
- ⤷
What are the airflow requirements for optimal cooling with this heat sink?
- ⤷ How does the C2 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole size requirements for the push-pin mounting system?