ATS-04G-53-C2-R0
AI

The **ATS-04G-53-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** line of heat sink assemblies.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 8.57 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.02 °C/W @ 100 LFM |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height** | 30.00 mm |
| **Pitch** | Fine-Pitch |
| **Pattern** | XC-CUT |
---
### 2. Design and Component Breakdown
#### A. Fin Geometry (XC-CUT)
The "XC-CUT" designation refers to a cross-cut fin design. Unlike straight-fin heat sinks, the cross-cut design allows for airflow from multiple directions. This is critical in modern PCB layouts where airflow may be turbulent or non-linear.
#### B. PushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses a mechanical push-pin system.
* **Springs:** Provides consistent pressure (Pre-assembled with a high-performance compression spring).
* **Pins:** Usually made of brass or plastic to secure the heat sink through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The model typically comes with a pre-applied **T766** thermal interface material. This ensures maximum heat transfer between the electronic component (CPU, GPU, or FPGA) and the aluminum base of the heat sink.
---
### 3. Part Number Breakdown
The part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **04** | Series Identifier |
| **G** | Push-pin material/style |
| **53** | Dimensions/Configuration code |
| **C2** | Thermal performance level/Material code |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use Cases
This heat sink is typically used for cooling mid-range heat-generating components:
* **Northbridge/Southbridge** chipsets on motherboards.
* **High-speed Networking** processors.
* **Industrial Control** units where vibration resistance (provided by the push-pins) is required.
- ⤷
What are the specific hole patterns required on the PCB for the ATS-04G-53-C2-R0?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ What is the weight of this heat sink assembly?