Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-04G-97-C2-R0

  • AI
    The **ATS-04G-97-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ HS | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height (H)** | 12.7mm | | **Thermal Resistance** | 20.30 °C/W (Unducted @ 100 LFM) | | **Fin Pattern** | Fine-Pitch (Straight Fin) | --- ### 2. Design Characteristics #### A. The pushPIN™ Attachment Unlike adhesive tapes or simple clips, the "97" series utilizes the **pushPIN™** system. * **Spring-loaded mechanism:** It provides a precise, consistent pressure (preload) against the component, ensuring maximum thermal contact. * **Secure Mounting:** Requires pre-drilled holes in the PCB to lock the pins in place. #### B. Thermal Performance The "C2" designation typically refers to the thermal interface material (TIM) or the specific performance grade of the aluminum alloy used. * **High Surface Area:** The fine-pitch fin design maximizes the surface area available for convective cooling. * **Airflow Efficiency:** It is optimized for both natural convection and forced-air (fan) environments. --- ### 3. Applications This part is commonly found in: 1. **Telecommunications:** Cooling networking switches and routers. 2. **Embedded Systems:** Protecting industrial controllers from overheating. 3. **Computing:** Cooling chipsets on motherboards or high-speed memory modules. --- ### 4. Dimensional Drawing Summary ```text (45.00mm) <--------------> ________________ ^ | |||||||||||| | | (45.00mm) | |||||||||||| | | |__||||||||||||__| v Height: 12.70mm Pitch: 2.8mm (typical) ```
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole spacing required on the PCB for this heatsink?
    • ⤷ Does this model come with a pre-applied thermal interface material?
    • ⤷ What are the advantages of blue anodized finish over plain aluminum?