ATS-04G-98-C2-R0
AI

The **ATS-04G-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
## 1. Technical Specifications
The following table highlights the core physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Mounting Style** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Cross-Cut |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 15.31 °C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Cross-Cut)
Unlike traditional straight-fin heat sinks, the ATS-04G-98-C2-R0 uses a **Cross-Cut** pattern. This design allows for:
* **Omnidirectional Airflow:** Air can enter from any side, making it ideal for systems where the fan placement is not directly aligned with the heat sink.
* **Increased Surface Area:** Maximizes the area available for heat dissipation relative to the volume.
### B. pushPIN™ Attachment System
This part uses a specific mechanical attachment method rather than thermal adhesive:
* **Spring-Loaded Pins:** Provides a consistent, pre-determined pressure on the component, ensuring optimal contact with the die.
* **Plastic/Brass Pins:** Available in different materials to accommodate various PCB hole sizes.
### C. Thermal Interface Material (TIM)
The unit comes with **T766** thermal grease pre-applied to the base.
* **Purpose:** Fills microscopic air gaps between the heat sink base and the electronic component to lower thermal resistance.
---
## 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) determines how efficiently the heat sink moves heat away from the component into the air.
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 15.31 °C/W | 5.81 °C/W | 3.50 °C/W |
---
## 4. Typical Applications
* **Networking Equipment:** Routers and switches with high-speed processors.
* **Embedded Systems:** Compact industrial computers.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
- ⤷
What is the difference between the C2 and R0 suffixes in the part number?
- ⤷ Can this heat sink be used without a fan?
- ⤷ How do I calculate the required airflow for this specific model?