ATS-04H-110-C2-R1
AI

The **ATS-04H-110-C2-R1** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for thermal management in electronic systems, primarily to cool Integrated Circuits (ICs) and other heat-generating surface-mount components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Fin Style** | XC (Cross-Cut) |
| **Thermal Resistance** | 2.69°C/W (at 100 LFM) |
| **Flow Orientation** | Omnidirectional (Cross-cut) |
---
### 2. Key Design Elements
#### A. Fin Design (XC - Cross-Cut)
The "XC" designation indicates a **Cross-Cut fin pattern**. Unlike straight-fin heat sinks, the cross-cut design creates a grid of square pins.
* **Benefit:** This provides an omnidirectional airflow capability, meaning the heat sink performs efficiently regardless of which direction the cooling air is flowing across the PCB.
#### B. pushPIN™ Attachment
This model uses the proprietary ATS **pushPIN™** system for mounting.
* **Mechanism:** It utilizes a spring-loaded pin that snaps into pre-drilled holes in the PCB.
* **Advantage:** This ensures consistent pressure (clamping force) between the heat sink and the component, which optimizes thermal interface material (TIM) performance and prevents the heat sink from shifting during vibration.
#### C. Thermal Performance
The thermal resistance of **2.69°C/W** at low airflow indicates it is highly efficient. As airflow (LFM - Linear Feet per Minute) increases, the resistance drops significantly, allowing for more aggressive cooling in forced-convection environments.
---
### 3. Applications
The ATS-04H-110-C2-R1 is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Server CPUs, GPUs, and FPGAs.
* **Power Electronics:** Power supplies and converters requiring compact but high-surface-area cooling.
---
### 4. Part Number Breakdown
`ATS - 04 H - 110 - C2 - R1`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **04:** Series/Product family.
* **H:** Attachment type/Spring strength.
* **110:** Specific dimension/configuration code.
* **C2:** Material/Finish (Blue Anodized).
* **R1:** Revision or Packaging code.
- ⤷
What is the thermal resistance of this heat sink at 500 LFM?
- ⤷ What are the specific hole patterns required on the PCB for the pushPIN™ attachment?
- ⤷ How does blue anodization affect the thermal radiation properties compared to bare aluminum?