ATS-04H-115-C2-R0
AI

The **ATS-04H-115-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** family, designed specifically for thermal management of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 20mm |
| **Pitch** | Square Fin |
| **Attachment Type** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance (Unducted)** | 5.33 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.77 °C/W @ 100 LFM |
---
### 2. Design Breakdown
The "C2" and "R0" designations in the part number refer to specific material and environmental compliance standards:
#### A. The Fin Design
* **Square Fin:** The fins are arranged in a grid pattern to maximize surface area while allowing airflow from multiple directions. This is ideal for systems where the airflow direction is not strictly linear.
* **Material:** Lightweight aluminum allows for rapid heat dissipation while keeping the total weight on the PCB low.
#### B. The pushPIN™ Attachment System
Instead of using adhesive tape or standard screws, this part uses a pre-assembled push-pin system:
* **Compression Springs:** Provides precise pressure (Force) to ensure optimal contact with the heat source (TIM - Thermal Interface Material).
* **Reliability:** Reduces the risk of the heat sink shifting during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The **"R0"** variant typically comes with a pre-applied high-performance thermal interface material (usually **T766**), which fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This specific heat sink is commonly used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Computing:** Chipset cooling on motherboards or small form factor PCs.
3. **Industrial:** Embedded systems and power supply modules that require robust mechanical attachment.
---
- ⤷
What are the differences between ducted and unducted thermal resistance?
- ⤷ How does the pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ Are there copper versions of the ATS-04H heat sink for higher thermal conductivity?