ATS-04H-121-C3-R0
AI

The **ATS-04H-121-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient thermal management for electronic components such as CPUs, GPUs, and other integrated circuits (ICs).
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-04H-121-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.56 °C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 10.00 mm |
| **Pitch** | Fine-Pitch |
---
### Key Design Components
#### 1. Material and Coating
* **Aluminum Body:** Provides an optimal balance between weight and thermal conductivity.
* **Blue Anodized Finish:** Not only improves the aesthetic but also provides a layer of protection against corrosion and enhances surface emissivity.
#### 2. Fin Configuration
* **Fine-Pitch Design:** This model utilizes a high density of fins to increase the overall surface area. A larger surface area allows for more heat to dissipate into the surrounding air via convection.
#### 3. Attachment Mechanism (pushPIN™)
* The assembly uses a **push-pin and spring system**. This ensures even pressure across the electronic component (die), which is critical for maximizing the effectiveness of the thermal interface material (TIM).
* **Pre-assembled Springs:** The springs provide a calculated compression force to prevent damage to the PCB while maintaining firm contact.
#### 4. Thermal Interface Material (TIM)
* The "C3" in the part number indicates that this unit typically comes with **T412** thermal tape or a similar high-performance phase-change material pre-applied to the base, ensuring immediate installation readiness.
---
### Performance Data
Thermal performance is measured by the resistance to heat flow. Lower values indicate better cooling.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 9.56 | 5.11 | 3.97 | 3.41 | 3.06 |
| **Ducted Flow (°C/W)** | 4.33 | 3.21 | 2.72 | 2.42 | 2.21 |
---
### Typical Applications
* **Embedded Systems:** For cooling SoCs (System on a Chip).
* **Telecommunications:** Cooling of high-speed networking processors.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the pushPIN mounting system compare to standard adhesive mounting?
- ⤷ Are there specific PCB hole patterns required for the ATS-04H-121-C3-R0?