ATS-04H-122-C2-R0
AI

The **ATS-04H-122-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for the thermal management of electronic components such as CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 5.87°C/W (at 100 LFM) |
| **Airflow Pattern** | Square / Cross-Cut (Omni-directional) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
#### A. pushPIN™ Attachment System
This heat sink utilizes a specialized **pushPIN™** mechanism. This is a spring-loaded attachment system that ensures a consistent and precise pressure is applied to the electronic component. This pressure is vital for maximizing the efficiency of the heat transfer from the chip to the heat sink.
#### B. Cross-Cut Fin Design
The fins are not simple straight rows; they are "cross-cut." This allows for:
* **Omni-directional Airflow:** The heat sink can accept air from any direction, making it ideal for cramped PCB layouts where airflow direction is unpredictable.
* **Increased Surface Area:** The design maximizes the contact area with the air, facilitating faster heat dissipation.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the component surface and the heat sink base.
* **Benefit:** Reduces thermal resistance, ensuring the heat sink operates at its maximum theoretical efficiency immediately upon installation.
---
### 3. Application Use Cases
This specific model is commonly used in industrial and high-speed computing environments:
1. **Telecommunications:** Cooling chips in routers and switches.
2. **Embedded Systems:** Protecting processors in industrial automation hardware.
3. **Power Supplies:** Managing heat for high-output power transistors.
---
### 4. Part Number Breakdown (Nomenclature)
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04:** Series/Type.
* **H:** High-performance fin geometry.
* **122:** Dimensional/Specific model code.
* **C2:** Blue Anodized finish.
* **R0:** Revision/Standard packaging code.
- ⤷What is the difference between pushPIN and traditional screw mounts for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can the pre-applied T766 TIM be replaced with third-party thermal paste?