ATS-04H-13-C2-R0
AI

The **ATS-04H-13-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management in electronic systems.
---
## 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 50mm x 50mm x 15mm |
| **Fin Type** | Push-Pin (High Density) |
| **Mounting Style** | Push-Pin (2-hole) |
| **Thermal Resistance** | 13.70 °C/W @ Natural Convection |
| **Attachment Method** | Spring-loaded push pins |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Cross-Cut)
The unit features a **cross-cut** fin design. Unlike straight-fin heat sinks, the cross-cut pattern allows for multi-directional airflow. This makes it ideal for dense PCB layouts where the direction of cooling air may not be perfectly linear.
### B. Push-Pin Attachment Mechanism
This model utilizes a mechanical attachment system consisting of:
* **Plastic/Brass Push-Pins:** To secure the sink to the PCB.
* **Compression Springs:** To ensure consistent downward pressure on the electronic component (CPU/GPU/FPGA), which optimizes heat transfer.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes pre-applied with a high-performance **Phase Change Material (PCM)** or thermal tape. This eliminates the need for manual application of thermal paste.
---
## 3. Decoding the Part Number
Electronic parts often follow a nomenclature system. Here is the breakdown for this specific part:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **04** | Series Identifier |
| **H** | Fin Pitch (High density) |
| **13** | Height (15mm profile) |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Packaging/TIM Revision |
---
## 4. Typical Applications
* **Network Switches/Routers:** Cooling ASICs and high-speed processors.
* **Industrial PCs:** Thermal management for embedded systems.
* **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
- ⤷
What are the airflow requirements for the ATS-04H-13-C2-R0 to reach its maximum thermal efficiency?
- ⤷ How do push-pin mounts compare to adhesive tape mounts for heat sinks?
- ⤷ Are there alternative materials to Aluminum 6063 for better thermal conductivity?