ATS-04H-133-C2-R0
AI

The **ATS-04H-133-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. General Specifications
This part is specifically engineered for high-density thermal management in compact electronic environments.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-04H-133-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
The dimensions determine the physical footprint on the Printed Circuit Board (PCB).
| Dimension | Measurement |
| :--- | :--- |
| **Size (L x W)** | 70.00 mm x 70.00 mm |
| **Height** | 10.00 mm |
| **Pitch (Hole-to-Hole)** | 63.00 mm |
| **Spring/Pin Material** | Brass / Stainless Steel |
---
### 3. Thermal Performance
Thermal resistance indicates how effectively the heat sink transfers heat away from the electronic component into the surrounding air.
* **Thermal Resistance (Unducted Flow):** 7.42 °C/W @ 100 LFM
* **Thermal Resistance (Ducted Flow):** 1.44 °C/W @ 200 LFM
* **Design Application:** The "C2" suffix indicates it is made from aluminum with a specific performance profile, while "R0" typically denotes the revision or packaging style.
---
### 4. Component Features
The ATS-04H-133-C2-R0 includes several key engineering features:
* **Push-Pin Attachment:** Uses a flexible attachment system that provides a secure, tool-free connection to the PCB.
* **Compression Springs:** Ensures consistent pressure (clamping force) on the electronic component to maximize thermal transfer through the TIM.
* **Fine Pitch Fins:** Designed for "straight fin" airflow, which is ideal for systems with a specific direction of forced air (fans).
* **T766 TIM:** A high-performance thermal interface material is pre-applied to the bottom, reducing assembly time and ensuring a low-resistance path between the chip and the aluminum.
---
### 5. Application Use Cases
This component is typically found in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Industrial PCs:** Compact enclosures where height is limited to 10mm.
3. **Power Supplies:** Dissipating heat from MOSFETs or Power ICs.
- ⤷
What is the maximum power dissipation (in Watts) this heat sink can handle?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Are there specific PCB hole diameters required for the pushPIN™ attachment?