ATS-04H-188-C2-R0
AI

The **ATS-04H-188-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Style** | XCUT (Straight Fin with Cross-Cut) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | ATS-PPS-04 |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Engineering Features
#### A. XCUT Fin Geometry
The "XCUT" design features straight fins that have been cross-cut. This creates a matrix of pins that allows for **multi-directional airflow**. Unlike standard straight fins that require air to move in one specific direction, XCUT heat sinks can capture airflow from various angles, making them ideal for crowded PCB environments.
#### B. Push-Pin Attachment Mechanism
This part uses a mechanical fastening system rather than adhesive tape:
* **Reliability:** Provides consistent pressure on the component, improving thermal contact.
* **Ease of Assembly:** The brass push-pins snap into pre-drilled holes (3.0mm) on the PCB.
* **Spring-Loaded:** The compression springs ensure that the heat sink remains seated even during mechanical shock or vibration.
#### C. Thermal Performance (Estimated)
* **Thermal Resistance (Customary):** Generally ranges between **6.67°C/W (Unducted)** to **1.33°C/W (at high-velocity ducted flow)** depending on the Air Velocity (LFM).
* **Thermal Interface Material:** It comes with **T766**, a high-performance phase-change material or grease that fills microscopic air gaps between the component and the heat sink base.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial motherboards.
* **Power Supplies:** Cooling voltage regulators or MOSFET arrays.
---
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal pads?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?