ATS-04H-41-C1-R0
AI

The **ATS-04H-41-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Push-Pin Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin (with brass springs) |
| **Thermal Resistance** | ~10.02 °C/W (at 100 LFM) |
| **Fin Style** | Straight Fin (Extruded) |
---
### 2. Physical Design & Construction
* **Material:** It is made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight.
* **Fins:** The straight-fin design allows for efficient airflow across the surface area, making it ideal for systems with forced convection (fans).
* **Coating:** The "Blue Anodized" finish is not just for aesthetics; it provides corrosion resistance and slightly improves surface emissivity for better radiation heat transfer.
---
### 3. Attachment Mechanism (The Push-Pin)
The "C1" and "R0" designations in the part number often refer to the specific attachment kit and thermal interface material (TIM).
* **Push-Pins:** These are plastic or brass pins that lock into pre-drilled holes on a Printed Circuit Board (PCB).
* **Compression Springs:** These provide the necessary downward force to ensure the heat sink makes firm contact with the electronic chip.
* **TIM (Thermal Interface Material):** Usually, these parts come with a pre-applied **Thermal Tape** or grease to fill microscopic air gaps between the component and the heat sink.
---
### 4. Typical Applications
This specific size (40x40mm) is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators.
4. **Legacy Hardware:** Replacement cooling for older Northbridge/Southbridge chipsets.
---
- ⤷
What are the specific thermal resistance values for this heat sink at different airflow speeds (LFM)?
- ⤷ How do I choose between the Push-Pin and Bolt-on mounting versions of this heat sink?
- ⤷ What is the specific thermal interface material (TIM) pre-applied to the R0 model?