ATS-04H-42-C2-R0
AI

The **ATS-04H-42-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm |
| **Height** | 22.86mm |
| **Fin Style** | Straight (optimized for airflow) |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Design Features
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which is the industry standard for thermal conductivity in heat sinks. The **blue anodized finish** is not just for aesthetics; it provides surface protection and slightly increases emissivity, aiding in heat radiation.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the ATS-04H-42-C2-R0 uses a **Push-Pin and Spring** attachment system.
- **Reliability:** Provides consistent downward pressure (load) to ensure the heat sink remains in contact with the electronic chip.
- **Safety:** Prevents the heat sink from shifting or falling off during high-vibration environments (e.g., in industrial machinery or servers).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. In electronics, the TIM is critical because it fills the microscopic air gaps between the component (heat source) and the heat sink, drastically reducing thermal resistance.
---
### 3. Thermal Performance (Airflow Data)
Thermal resistance is measured in **°C/W** (Degrees Celsius per Watt). A lower number indicates better cooling efficiency.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 7.31 |
| 400 (2.0 m/s) | 3.85 |
| 600 (3.0 m/s) | 2.53 |
---
### 4. Typical Applications
This specific heat sink is used in PCB designs where a 45mm square footprint is available, typically for:
1. **Network Switches and Routers:** Cooling the internal processors.
2. **Embedded Systems:** For industrial computers that run 24/7.
3. **Power Electronics:** Cooling MOSFETs or power regulators.
---
- ⤷
How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ What are the PCB hole requirements for the push-pin mounting?
- ⤷ Is there a copper version of this heat sink for higher thermal conductivity?